PART |
Description |
Maker |
DCR1020SF65 DCR1020SF DCR1020SF60 DCR1020SF61 DCR1 |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines Phase Control Thyristor
|
DYNEX SEMICONDUCTOR LTD DYNEX[Dynex Semiconductor]
|
DSF20060SF60 DSF20060SF DSF20060SF55 DSF20060SF56 |
Fast Recovery Diode Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 620 A, 5500 V, SILICON, RECTIFIER DIODE
|
DYNEX SEMICONDUCTOR LTD DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|
NHD-C12864MZ-NSW-BTW |
COG (Chip-On-Glass) Liquid Crystal Display Module
|
Newhaven Display International, Inc.
|
NHD-C12832A1Z-FSW-FBW-3V3 |
COG (Chip-On-Glass) Liquid Crystal Display Module
|
Newhaven Display International, Inc.
|
NHD-C0220BIZ-FS-FBW-3VM |
COG (Chip-On-Glass) Character Liquid Crystal Display Module
|
Newhaven Display Intern...
|
THM362020S-10 THM362020S-80 THM362020SG-10 THM3620 |
2097152 WORDS x 36BIT DYNAMIC RAM MODULE 2,097,152 WORDS x 36BIT DYNAMIC RAM MODULE 2/097/152 WORDS x 36BIT DYNAMIC RAM MODULE Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
LEUWS2W-PXQX-4P7R |
compact lightsource in multi chip SMT technology with glass window on top
|
OSRAM GmbH
|
02CZ4.7Y 02CZ5.1X 02CZ5.1Y 02CZ5.1Z 02CZ27 02CZ4.3 |
5015 RR 26#16 SKT PLUG L/C 240 x 64 pixel format, EL and LED backlight 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor CAP 4700PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 5015 RR 26#16 PIN PLUG Chip-on-Glass (COG) Technology, 8 Character x 1 Line 二极管(恒压规例中的应用。参考电压应用。) DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.) 二极管(恒压规例中的应用。参考电压应用。) Fixed bridge, 10-pos. - FB 10- URTK/SP 二极管(恒压规例中的应用。参考电压应用。) 8 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 二极管(恒压规例中的应用。参考电压应用。) 240 x 64 pixel format, CFL, LED, or EL Backlight available 二极管(恒压规例中的应用。参考电压应用。) 240 x 320 pixel format (portrait mode), Compact LCD size
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
SP3220B SP3220BCA SP3220BCT SP3220BCY SP3220BEA SP |
High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 320 x 240 pixel format, Chip-On-Glass Technology 高.0V.5V的RS - 232驱动接收
|
SIPEX[Sipex Corporation]
|
SIGC81T60SNC |
IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
|
Infineon Technologies AG
|
S16XXXH S16100NH S1610NH S1616MH S1616NH S16200NH |
The S16xxxH series of SCRs uses a high performance MESA GLASS PNPN technology. 在可控硅S16xxxH系列采用高性能的梅萨玻璃PNPN技术
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|